PART |
Description |
Maker |
IRFB4310GPBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRFH7928PBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRLML2244TRPBF |
HEXFETpower MOSFET RoHS compliant containing no lead, no bromide and no halogen
|
TY Semiconductor Co., Ltd
|
IRLML0040TRPBF |
HEXFETpower MOSFET Compatible with existing Surface Mount Techniques Lower switching losses
|
TY Semiconductor Co., Ltd
|
PVY116-T PVY116 |
HEXFETPower MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 250mA Microelectronic Power IC
|
IRF[International Rectifier]
|
IRFZ44ZLPBF |
HEXFETPower MOSFET ( VDSS = 55V , RDS(on) = 13.9m, ID = 51A ) ㈢的HEXFET功率MOSFET(减振钢板基本\u003d 55V的,的RDS(on)\u003d十三点九米ヘ,身份证\u003d 51A条)
|
International Rectifier, Corp.
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
NID9N05CL NID9N05CLT4 NID9N05CLT4G |
Power MOSFET Power MOSFET 9 Amps, 52 Volts N-Channel, Logic Level(9 A, 52V?昏??靛钩锛???????MOSFET) Power MOSFET 9 A, 52 V, N-Channel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
|
ON Semiconductor
|
IXTA10N60P IXTP10N60P IXTI10N60P |
MOSFET N-CH 600V 10A D2-PAK 10 A, 600 V, 0.74 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
Infineon Technologies AG IXYS CORP IXYS Corporation
|
|